Part Number Hot Search : 
L2N60 SST4119 MMBT5 C5887 ACT86 1N4562D SMAJ16CA EDI88
Product Description
Full Text Search
 

To Download 1101A4VGEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1000
SPECIFICATIONS
Electrical Ratings Electrical Life Contact Resistance Dielectric Strength Insulation Resistance Operating Temperature Storage Temperature 5A @ 120VAC, 28VDC; 2A @ 250VAC See Contact Options 30,000 cycles typical < 10 m max initial @ 2-4VDC, 100mA 1500Vrms min > 100M min -40C to 85C -40C to 85C
MATERIALS RoHS COMPLIANT
Actuator Housing Cover Contacts Terminals 6/6 Nylon DAP - Diallyl Phthalate Stainless Steel Copper Alloy, Silver Plated Brass, Silver Plated
- E222871
ORDERING INFORMATION
Series: 1 2 03 1 Number of Poles: 1 = SPDT 2 = DPDT Switch Function: 01 = ON-NONE-ON 02 = ON-NONE-(ON) 03 = ON-OFF-ON Actuator: A1 = 5.08mm A2 = 7.24mm A3 = 9.40mm A4 = 3.60mm A7 = 12.32mm D1 = 5.08mm **Only available with DPDT Terminals: B = Solder Lug C = PC Pin D = Quick Connect H = Horizontal Mount, Right Angle PC Pin V = Vertical Mount, Right Angle PC Pin S20 = PC Pin with Support Bracket Contacts: Q = Silver Plated R = Gold Plated G = Gold over Silver Plated Epoxy Seal: E = Epoxy Seal Mounting Style: A = No Mounting Ears B = With Mounting Ears
A1
B
C
E
B
www.citswitch.com
page 23 phone - 763.535.2339 fax - 763.535.2194
1000
SWITCH FUNCTION
Toggle Position
Function
1 2
SPDT
ON ON ON 2-3
NONE NONE OFF
ON (ON) ON 2-1
3
Terminals
---
Toggle Position
Function
DPDT
1 2 3
Terminals
ON ON ON 2-3 5-6
NONE NONE OFF
ON (ON) ON 2-1 5-4
---
ACTUATOR OPTIONS
** Actuator lengths shown with B, C, D, or S20 Terminals, subtract 0.36mm for H or V terminals.
A1
A2
A3
A4
A7
D1
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
C (Single Pole)
C (Double Pole)
D (Single Pole)
D (Double Pole)
www.citswitch.com
page 24 phone - 763.535.2339 fax - 763.535.2194
1000
TERMINAL OPTIONS
H = Horizontal Mount, Right Angle PC Pins (Single Pole)
H = Horizontal Mount, Right Angle PC Pins (Double Pole)
V = Vertical Mount, Right Angle PC Pins (Single Pole)
V = Vertical Mount, Right Angle PC Pins (Double Pole)
www.citswitch.com
page 25 phone - 763.535.2339 fax - 763.535.2194
1000
TERMINAL OPTIONS
S20 = PC Pins with Support Bracket (Single Pole)
S20 = PC Pins with Support Bracket (Double Pole)
CONTACT OPTIONS
Designator Contact Material
Q R G Silver Plating Gold over Nickel Plating Gold over Silver Plating
Terminal Material
Silver Plating Gold over Nickel Plating Gold over Silver Plating
Electrical Ratings
5A @ 120VAC, 28VDC; 2A @ 250VAC .4 VA max @ 20VAC or VAC max .4 VA max @ 20VAC or VAC max or 5A @ 120VAC, 28VDC; 2A @ 250VAC
MOUNTING OPTIONS
For A1, A2, A3, & A4 Switch Functions 1 & 2 For D1 Switch Functions 1 & 2 For A1, A2, A3, & A4 Switch Function 3 For D1 Switch Function 3
A = No Mounting Ears
For A1, A2, A3, & A4 Switch Functions 1 & 2
A = No Mounting Ears
For D1 Switch Functions 1 & 2
A = No Mounting Ears
For A1, A2, A3, & A4 Switch Function 3
A = No Mounting Ears
For D1 Switch Function 3
B = Mounting Ears
B = Mounting Ears
B = Mounting Ears
B = Mounting Ears
www.citswitch.com
page 26 phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of 1101A4VGEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X